Part Number Hot Search : 
CY22K704 MSZ52 2A125 DZ10B 30002 20B1TR A4514 TS615P
Product Description
Full Text Search
 

To Download RSX101M-3011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  schottky barrier diode rsx101m-30 ? applications ? dimensions (unit : mm) ? land size figure (unit : mm) general rectification ? features 1)small power mold type. (pmdu) 2)low v f , low i r 3)high reliability ? construction silicon epitaxial ? structure ? taping specifications (unit : mm) ? absolute maximum ratings (ta=25c) symbol unit v rm v v r v io a i fsm a tj c tstg c ? electrical characteristics (ta=25c) symbol min. typ. max. unit forward voltage v f - 0.35 0.39 v i f =1a reverse current i r - 90 200 av r =30v capacitance between terminals ct - 60.0 - pf v r =10v , f=1mhz esd breakdown voltage esd - 12.0 - kv c=200pf ,r=0 ? conditions storage temperature ? 40 to ? 150 (*1)mounting on epoxi board. 180half sine wave parameter forward current surge peak (60hz ? 1cyc) 45 junction temperature 150 reverse voltage (dc) 30 average rectified forward current 1 parameter limits reverse voltage (repetitive) 30 pmdu 1.2 3.05 0.85 4.00.1 2.00.05 1.550.05 1.810.1 4.00.1 1.00.1 3.50.05 1.750.1 8.00.2 0.250.05 1.5max 3.710.1 rohm : pmdu jedec :sod-123 manufacture date 0.90.1 1.60.1 2.60.1 3.50.2 0.80.1 0.10.1 0.05 1/3 2011.05 - rev.c data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
rsx101m-30 0 50 100 150 200 ave:66.0a 0 5 10 15 20 25 30 ave:8.30ns ta=25 if=0.5a ir=1a irr=0.25*ir n=10pcs forward voltagevf(mv) vf-if characteristics forward current:if(a) reverse current:ir(ua) reverse voltagevr(v) vr-ir characteristics capacitance between terminals:ct(pf) reverse voltage:vr(v) vr-ct characteristics vf dispersion map forward voltage:vf(mv) reverse current:ir(ua) ir dispersion map capacitance between terminals:ct(pf) ct dispersion map ifsm dispersion map peak surge forward current:ifsm(a) peak surge forward current:ifsm(a) number of cycles ifsm-cycle characteristics peak surge forward current:ifsm(a) time:t(ms) ifsm-t characteristics time:t(s) rth-t characteristics transient thaermal impedance:rth (/w) forward power dissipation:pf(w) average rectified forward currentio(a) io-pf characteristics trr dispersion map reverse recovery time:trr(ns) 0.001 0.01 0.1 1 0 100 200 300 400 500 ta=-25 ta=125 ta=75 ta=25 ta=150 0.1 1 10 100 1000 10000 100000 1000000 0 5 10 15 20 25 30 ta=125 ta=75 ta=25 ta=-25 ta=150 1 10 100 1000 0 5 10 15 20 25 30 f=1mhz 330 340 350 360 370 380 ave:349.9mv ta=25 if=1a n=30pcs 0 100 200 300 400 500 600 700 800 900 1000 ta=25 vr=30v n=30pcs ave:103.1ua 250 260 270 280 290 300 310 320 330 340 350 ave:300.1pf ta=25 f=1mhz vr=0v n=10pcs 0 10 20 30 40 50 60 70 80 90 100 110100 8.3ms ifsm 1cyc 8.3ms 0 10 20 30 40 50 60 70 80 90 100 1 10 100 t ifsm 0 0.2 0.4 0.6 0.8 1 00.511.52 dc d=1/2 sin(?180) 8.3ms ifsm 1cyc 0.1 1 10 100 1000 0.001 0.01 0.1 1 10 100 1000 rth(j-a) rth(j-c) mounted on epoxy board 1ms im=10ma if=0.5a 300us time 2/3 2011.05 - rev.c www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
rsx101m-30 reverse power dissipation:p r (w) reverse voltage:vr(v) vr-p r characteristics ambient temperature:ta() derating curve?(io-ta) average rectified forward current:io(a) average rectified forward current:io(a) case temparature:tc() derating curve?(io-tc) 0 0.5 1 1.5 2 01 02 03 0 sin(?180) dc d=1/2 0 0.5 1 1.5 2 2.5 3 0 25 50 75 100 125 150 sin(?180) dc d=1/2 0 0.5 1 1.5 2 2.5 3 0 25 50 75 100 125 150 sin(?180) dc d=1/2 t tj=150 d=t/t t vr io vr=15v 0a 0v t tj=150 d=t/t t vr io vr=15v 0a 0v 0 5 10 15 20 25 30 c=200pf r=0 c=100pf r=1.5k ave:10.8kv no break at 30kv electrostatic discharge test esd(kv) esd dispersion map 3/3 2011.05 - rev.c www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of RSX101M-3011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X